Part Number Hot Search : 
R0402 24LC02N8 AN202 RU30D8H KSH42C P04N60 P4KE91CA 21206
Product Description
Full Text Search
 

To Download GBJ810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
GBJ8005 THRU GBJ810
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ
I A H
Rating to 1000V PRV Ideal for printed circuit board Low forward voltage drop, high current capability. Reliable low cost construction utilizing molded plastic technique results in inexpensive product
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C MCC Catalog Number GBJ8005 GBJ801 GBJ802 GBJ804 GBJ806 GBJ808 GBJ810 Device Marking Maximum Reccurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
D F
B E
G
---------------
+
P L C
M N O O
DIMENSIONS INCHES MIN 1.170 .780 .670 .019 .430 .090 .120 .130 .170 .100 .020 .080 .040 .390 .290 .150 MM MIN 29.70 19.70 17.00 4.70 10.80 2.30 3.10 3.40 4.40 2.50 0.60 2.00 0.90 9.80 7.30 3.80
K J
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 8A Tc = 110C Current Peak Forward Surge IFSM 170A 8.3ms, half sine Current Maximum IFM = 4.0A 1.0V Instantaneous VF Forward Voltage TJ = 25C Maximum DC Reverse Current At IR 5 A TJ = 25C Rated DC Blocking 500uA TJ = 125C Voltage Typical thermal resistance R OJC 1.6C/W Typical Junction CJ 55 pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse Test: Pulse Width 300sec, Duty Cycle 1%
DIM A B C D E F G H I J K L M N O P
MAX 1.190 .800 .710 .019 .440 .110 .130 .150 .190 .110 .030 .090 .040 .400 .300 .170
MAX 30.30 20.30 18.00 4.90 11.20 2.70 3.40 3.80 4.80 2.90 0.80 2.40 1.10 10.20 7.70 4.20
NOTE
www.mccsemi.com
RATING AND CHARACTERISTIC CURVES GBJ8005 thru GB810
MCC
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
8.0 7.0 6.0 5.0 4.0
WITHOUT HEATSINK WITH HEATSINK
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
180 160 140 120 100 80 60 40 20 0 1 2 5 10
Single Half-Sine-Wave (JEDEC METHOD)
3.0 2.0 1.0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
20
40
60
80
100
120
140
20
50
100
CASE TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE
100
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
10
INSTANTANEOUS FORWARD CURRENT ,(A)
CAPACITANCE , (pF)
1.0
10
TJ = 25 C
0.1
TJ = 25 C, f = 1MHz
PULSE WIDTH 300us
1.0 1.0 4.0 10.0 100
.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
REVERSE VOLTAGE , VOLTS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT ,(uA)
100
TJ = 125 C
TJ = 100 C
10
TJ = 50 C
1.0
TJ = 25 C
0.1 0 20 40 60 80 100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of GBJ810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X